Part Number Hot Search : 
U1FWJ44M AA1WA OPB704 NTUD3170 40309 MMP7010 P6SMBJ15 0465R
Product Description
Full Text Search
 

To Download 6A8G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  chongqing pingyang electronics co.,ltd. 6a05g thru 6a10g technical specifications of silicon rectifier voltage 50-1000v current 6.0a features low cost low leakage low forward voltage drop high current capability high surge current capability mechanical data case : molded plastic epoxy : ul94v-0 rate flame retardant lead : mil-std- 202e, method 208 guaranteed polarity : color band denotes cathode end mounting position : any weight : 2.08 grams maximum ratings and electronical characteristics ratings at 25 ambient temperature unless otherwise specified. single phase, half wave, 60hz,resistive or inductive load. for capacitive load, derate current by 20%. symbol 6a05g 6a1g 6a2g 6a4g 6A8G 6A8G 6a10g units maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current at t a =75 c i o 6.0 a peak forward surge current 8.3ms single half sine-wave superimposed on rate load (jedec method) i fsm 250 a maximum instantaneous forward voltage at 6.0a dc v f 1.1 v @ t a =25 c 10 maximum dc reverse current at rated dc blocking voltage @ t a =100 c 500 maximum full load reverse current average, full cycle .375 (9.5mm) lead length at t l =75 c i r 50 a typical junction capacitance (note) c j 150 pf typical thermal resistance r ja 10 c/w notes: measured at 1mhz and applied reverse voltage of 4.0 volts r-6 dimensions in inches and (millimeters) pdf ?? "pdffactory pro" e www.fineprint.cn


▲Up To Search▲   

 
Price & Availability of 6A8G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X